PART |
Description |
Maker |
ILC6363 ILC6363CIR50X ILC6363CIRADJX ILC6363CIR33 |
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries 1 A BATTERY CHARGE CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO8 MSOP-8 STEP-UP/STEP DOWN DC-DC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
MAX1878EGC MAX1878 |
Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
|
MAXIM[Maxim Integrated Products]
|
1-2007614-5 |
STEP-Z Mezzanine Connectors; STEP-Z 15MM PLUG 200P ( AMP )
|
Tyco Electronics
|
AN8018 |
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
|
Panasonic Semiconductor
|
ILC6360 ILC6360CIR-36 ILC6360CIR-ADJ |
STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
|
IMPALA[Impala Linear Corporation]
|
MB3883PV MB3883PFV MB3883 |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
AME7739AEEY550Z AME7739AEEY500Z AME7739AEEY330Z AM |
Step-Up / Step-Down 60mA Regulated Charge Pump
|
Analog Microelectronics
|
RT9907 RT9907GQV RT9907PQV |
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
|
Richtek Technology Corporation
|
MB3883 MB388302 MB3883PFV MB3883PV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Component Limited.
|
LTC3523 LTC3523-2 |
Synchronous 600mA Step-Up And 400mA Step-Down DC/DC Converters
|
Linear Technology Corporation
|